PART |
Description |
Maker |
TMG16C60F TMG16C40 |
TRIAC(ISOLATED TYPE)
|
SANREX[SanRex Corporation] ETC
|
TMG10C60 |
From old datasheet system TRIAC(NON-ISOLATED TYPE)
|
SanRex Corporation
|
X24165SG-2.7 X24165GV X24165GG X24165GP X24165F X2 |
Advanced 2-Wire Serial E2PROM with Block LockTM Protection TRIAC,TMG3C60F,3A,600V TO-220F,THRUHOLE NON-ISOLATED TRIAC,TMG2D80D,2A,800V,TO-252 D PACK,SMD SENSITIVE GATE TRIAC,TMG2DQ60D,2A,600V,TO-252 D PACK,SMD (TJ=150 OCTRIAC) TRIAC,TMG3C60D,3A,600V,TO-252 D PACK,SMD STANDARDTRIAC TRIAC,TMG16D80F,16A,800V TO-220F,THRUHOLE ISOLATED TRIAC,TMG3CQ60D,3A,600V,TO-252 D PACK,SMD (TJ=150 OCTRIAC)
|
IC MICROSYSTEMS Sdn. Bhd.
|
BTA16-600BW3G BTA16-800BW3G BTA16-600BW3 |
Triac, 3 Quadrant Internally Isolated, 50 mA I-GT, 16 A I-T(RMS) Triacs Silicon Bidirectional Thyristors 600V 16 A, 50mA Igt 3 Quadrant Internally Isolated Triac
|
ON Semiconductor
|
BTA16-600SW3G BTA16-600SW3 |
Triac, 3 Quadrant Internally Isolated, 10 mA I-GT, 16 A I-T(RMS) 600V 16 A, 10mA Igt 3 Quadrant Internally Isolated Triac
|
On Semiconductor
|
AC08FSMA AC08DSMA |
8A resin insulating TRIAC (AC08DSMA / AC08FSMA) 8A RESIN INSULATION TYPE TRIAC 8A RESIN INSULATION TYPE TRIAC 8A条树脂绝缘型可控 ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% 8A条树脂绝缘型可控
|
NEC[NEC] NEC Corp. NEC, Corp.
|
TMG8CQ60 |
TRIAC(Through Hole/Non-isolated)
|
SANREX[SanRex Corporation]
|
TMG16C60L |
TRIAC(Through Hole/Non-isolated)
|
SANREX[SanRex Corporation]
|
TMG25D80L |
TRIAC(Through Hole /Non-isolated)
|
SANREX[SanRex Corporation]
|
TMG3C80C |
TRIAC(Though Hole /Non-isolated)
|
SANREX[SanRex Corporation]
|